Part Number Hot Search : 
ST25P 80N06 66AET IDT10494 PCK111BD TJ200A AT42QT10 00130
Product Description
Full Text Search
 

To Download SR250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sr220 ? sr2100 features ! schottky barrier chip ! guard ring die construction for transient protection ! high current capability a b a ! low power loss, high efficiency ! high surge current capability ! for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications c  d mechanical data ! case: do-15, molded plastic ! terminals: plated leads solderable per mil-std-202, method 208 ! polarity: cathode band ! weight: 0.40 grams (approx.) ! mounting position: any ! marking: type number ! lead free: for rohs / lead free version, add ?-lf? suffix to part number, see page 4 maximum ratings and electrical characteristics @t a =25c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol sr220 sr230 sr240 SR250 sr260 sr280 sr2100 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 30 40 50 60 80 100 v rms reverse voltage v r(rms) 14 21 28 35 42 56 70 v average rectified output current @t l = 100c (note 1) i o 2.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 50 a forward voltage @i f = 2.0a v fm 0.50 0.70 0.85 v peak reverse current @t a = 25c at rated dc blocking voltage @t a = 100c i rm 0.5 10 ma typical junction capacitance (note 2) c j 170 140 pf typical thermal resistance (note 1) r  ja 35 c/w operating and storage temperature range t j , t stg -65 to +150 c note: 1. valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. do-15 dim min max a 25.4 ? b 5.50 7.62 c 0.71 0.864 d 2.60 3.60 all dimensions in mm 2.0a axial leaded schottky barrier diode 1of2
  0 10 20 30 40 5 0 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60 hz fig. 3 max non-repetitive peak fwd surge current single half-sine-wave (jedec method) t = 100 c j 10 100 1000 0.1 110 100 c , capacitance (pf) j v , reverse voltage (v) fig. 4 typical junction capacitance r f=1.0mhz t = 25 c j 0 20 40 60 80 100 120 140 i , ins t an t aneou s revers e curren t (ma) r percent of rated peak reverse voltage (%) fig. 5 typical reverse characteristics t = 100 c j t = 75 c j t = 25 c j 100 10 1.0 0.1 0.01 1k 0.01 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f 100 s r 2 2 0- s r 2 40 s r 2 5 0- s r 2 60 0 0.5 1.0 25 50 75 100 125 150 i average forward current (a) o, t , lead temperature ( c) fig. 1 forward current derating curve l 1.5 2.0 2.5 3.0 s r 28 0- s r 210 0 s r 2 2 0- s r 2 40 s r 25 0- s r 210 0 2of2


▲Up To Search▲   

 
Price & Availability of SR250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X